Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download CD4023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4023BC Buffered Triple 3-Input NAND Gate
October 1987 Revised August 2000
CD4023BC Buffered Triple 3-Input NAND Gate
General Description
These triple gates are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and Pchannel enhancement mode transistors. They have equal source and sink current capabilities and conform to standard B series output drive. The devices also have buffered outputs which improve transfer characteristics by providing very high gain. All inputs are protected against static discharge with diodes to VDD and VSS.
Features
s Wide supply voltage range: s Low power TTL compatibility: fan out of 2 driving 74L or 1 driving 74LS s 5V-10V-15V parametric ratings s Symmetrical output characteristics s Maximum input leakage 1 A at 15V over full temperature range 3.0V to 15V s High noise immunity: 0.45 VDD (typ)
Ordering Code:
Order Number CD4023BCM CD4023BCS CD4023BCN Package Number M14A M14D N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" tot he ordering code.
Connection Diagram
Block Diagram
1
/3 Device Shown
Top View
*All Inputs Protected by Standard CMOS Input Protection Circuit.
(c) 2000 Fairchild Semiconductor Corporation
DS005956
www.fairchildsemi.com
CD4023BC
Absolute Maximum Ratings(Note 1)
(Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temp. Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW
Recommended Operating Conditions
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 5 VDC to 15 VDC 0 VDC to VDD VDC
-0.5 VDC to +18 VDC -0.5 VDC to VDD+0.5 VDC -65C to +150C
-40C to +85C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The table of "Recommended Operating Conditions" and "Electrical Characteristics" provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Symbol IDD Parameter Quiescent Device Current VDD = 5V VDD = 10V VDD = 15V VOL LOW Level Output Voltage VDD = 5V VDD = 10V VDD = 15V VOH HIGH Level Output Voltage VDD = 5V VDD = 10V VDD = 15V VIL LOW Level Input Voltage VDD=5V, VO=4.5V VDD=10V, VO=9.0V VDD=15V, VO=13.5V VIH HIGH Level Input Voltage VDD=5V, VO=0.5V VDD=10V, VO=1.0V VDD=15V, VO=1.5V IOL LOW Level Output Current VDD=5V, VO = 0.4V (Note 4) IOH VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V HIGH Level Output Current VDD = 5V, VO = 4.6V (Note 4) IIN Input Current VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
Note 3: VSS = 0V unless otherwise specified. Note 4: IOH and IOL are tested one output at a time.
Conditions
-40C Min Typ 1.0 2.0 4.0 0.05 0.05 0.05 4.95 9.95 14.95 1.5 |IO|<1A 3.5 |IO|<1A 7.0 11.0 0.52 1.3 3.6 -0.52 -1.3 -3.6 -0.3 0.3 3.0 4.0 3.5 7.0 11.0 0.44 1.1 3.0 -0.44 -1.1 -3.0 4.95 9.95 14.95 Min
+25C Typ 0.004 0.005 0.006 0 0 0 5 10 15 2 4 6 3 6 9 0.88 2.2 8 -0.88 -2.2 -8 -10-5 10-5 -0.3 0.3 1.5 3.0 4.0 Max 1.0 2.0 4.0 0.05 0.05 0.05
+85C Min Max 7.5 15 30 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.36 0.90 2.4 -0.36 -0.90 -2.4 -1.0 1.0
Units
A
V
V
V
V
mA
mA
A
www.fairchildsemi.com
2
CD4023BC
AC Electrical Characteristics
Symbol tPHL Parameter Propagation Delay, HIGH-to-LOW Level
(Note 5)
Conditions VDD = 5V VDD = 10V VDD = 15V Min Typ 130 60 40 110 50 35 90 50 40 5 17 Max 250 100 70 250 100 70 200 100 80 7.5 pF pF ns ns ns Units
TA = 25C, CL = 50 pF, RL = 200k, unless otherwise specified
tPLH
Propagation Delay, LOW-to-HIGH Level
VDD = 5V VDD = 10V VDD = 15V
tTHL, tTLH CIN CPD
Transition Time
VDD = 5V VDD = 10V VDD = 15V
Average Input Capacitance Power Dissipation Capacity (Note 6)
Any Input Any Gate
Note 5: AC Parameters are guaranteed by DC correlated testing. Note 6: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics Application Note AN-90.
3
www.fairchildsemi.com
CD4023BC
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow Package Number M14A
www.fairchildsemi.com
4
CD4023BC
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
CD4023BC Buffered Triple 3-Input NAND Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of CD4023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X